PART |
Description |
Maker |
3089-6318-00 3089-6317-00 3089-6817-00 3089-6819-0 |
Power Dividers2346 and 8-Way 800-900890-960or 1700-1900 MHz Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 功分2400-90090-960,或1700900年兆 1700 MHz - 1900 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS
|
Samtec, Inc.
|
MAPDCC0004 MAPDCC0004-TB MAPDCC0004TR |
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
|
M/A-COM Technology Solutions, Inc.
|
2089 2089-6819-00- 2089-6317-00 2089-6319-00 2089- |
Power Dividers2346 and 8-Way 800-900890-960or 1700-1900 MHz 功分00-90090-960,或1700900年兆 POWERDIVIDERS2/3/4/6AND8-WAY POWER DIVIDERS 2,3,4,6 AND 8- WAY
|
TycoElectronics Tyco Electronics
|
FXP14070100A |
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
|
Taoglas antenna solutio...
|
1617AB15 |
15 Watts PEP, 26 Volts, Class AB Linear 1600 - 1700 MHz 15 Watts PEP 26 Volts Class AB Linear 1600 - 1700 MHz 15 Watts PEP/ 26 Volts/ Class AB Linear 1600 - 1700 MHz TELCO 25-PAIR PVC 25 FT 1 MALE CNNCTR/1 OPEN
|
List of Unclassifed Manufacturers GHz Technology ETC[ETC] Electronic Theatre Controls, Inc.
|
SYM-EDR5227 |
1400 MHz - 1900 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX CASE TTT167, 6 PIN
|
Mini-Circuits
|
CU42JB1P-1950-1T CU48RA5L-250-2T CU49PB3L-600-6C C |
1900 MHz - 2000 MHz RF/MICROWAVE ISOLATOR 100 MHz - 400 MHz RF/MICROWAVE ISOLATOR 400 MHz - 800 MHz RF/MICROWAVE 3 PORT CIRCULATOR 1930 MHz - 1990 MHz RF/MICROWAVE ISOLATOR
|
|
MPS-172208-85 |
1700 MHz - 2200 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
MicroWave Technology, Inc.
|
BR9302 |
1700 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
|
CSD-20Z-2.0G1.9GHZ |
1700 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
Merrimac Industries, Inc.
|